PART |
Description |
Maker |
1437575-5 |
Slide Switches, Micro Size, Instrumentation Grade
|
Tyco Electronics
|
MB91110 |
Micro controller 32-Bit FR Family
|
Fujitsu
|
MB91126 E716315 |
Micro controller 32-Bit FR Family From old datasheet system
|
Fujitsu
|
LOPAC PM5-100200 PM5-150400 PM5-200400 PM5-75200 P |
OutputV:3.3Vdc; inputV:85-264V; 50W; LoPAC family: PFC mini power factor corrected, AC-DC switcher OutputV:3.3Vdc; inputV:85-264V; 99W; LoPAC family: PFC mini power factor corrected, AC-DC switcher OutputV:3.3Vdc; inputV:85-264V; 66W; LoPAC family: PFC mini power factor corrected, AC-DC switcher OutputV:3.3Vdc; inputV:85-264V; 132W; LoPAC family: PFC mini power factor corrected, AC-DC switcher OutputV:5Vdc; inputV:85-264V; 200W; LoPAC family: PFC mini power factor corrected, AC-DC switcher OutputV:5Vdc; inputV:85-264V; 100W; LoPAC family: PFC mini power factor corrected, AC-DC switcher PFC Mini, PFC Micro, PFC MicroS Power Factor Corrected, AC-DC Switchers PFC Mini/ PFC Micro/ PFC MicroS Power Factor Corrected/ AC-DC Switchers OutputV:5Vdc; inputV:85-264V; 150W; LoPAC family: PFC mini power factor corrected, AC-DC switcher OutputV:5Vdc; inputV:85-264V; 75W; LoPAC family: PFC mini power factor corrected, AC-DC switcher
|
Vicor Corporation
|
MB89538C MB89538 MB89537C MB89537 MB89530 MB89PV53 |
8-bit Original Microcontroller Micro controller 8-Bit Proprietary F2MC-8L Family UART Product
|
FUJITSU[Fujitsu Media Devices Limited]
|
MB89538H MB89538HC MB89537HC MB89537H MB89PV530CF |
8-bit Original Microcontroller CMOS Micro controller 8-Bit Proprietary F2MC-8L Family UART Product
|
FUJITSU[Fujitsu Media Devices Limited]
|
MB90457S MB90457 MB90456S MB90456 MB90455S MB90455 |
From old datasheet system (MB90455 - MB90495) 16-bit Proprietary Microcontroller Micro controller 16-Bit Proprietary F2MC-16LX Family Standard Product
|
FUJITSU[Fujitsu Media Devices Limited]
|
MB90523B MB90522B MB90523A MB90523APFF MB90523APFV |
Micro controller 16-Bit Proprietary F2MC-16LX Family LCD Controller/Driver Products 16-bit Proprietary Microcontroller
|
FUJITSU[Fujitsu Media Devices Limited]
|
HDSP-A15X HDSP-780X HDSP-750X HDSP-740X HDSP-A40X |
7.6 mm (0.3 inch) Micro Bright Seven Segment Displays HDSP-A153-NO000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7501-CD000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7803-JK000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-A151-NO000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7401-DE000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7802-JK000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7503-CD000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7403-DE000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7503-DD000 · 7.6mm (0.3 in) Micro Bright Seven Segment Displays HDSP-7507-CD000 · 7.6 mm(0.3 inch) Micro Bright Overflow Character Segment Displays HDSP-7801-JK000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7502-CD000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays
|
Agilent(Hewlett-Packard... HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
XC3090L XC3000L XC3020L XC3030L XC3042L XC3064L |
Part of the ZERO family of 3.3 V FPGAs XC3000L Low Voltage Logic Cell Array Family
|
XILINX[Xilinx, Inc]
|
MS1 MS250 MS5 MS3 MS500 MS2.5 MS1.25 MS1.5 MS300 M |
Fuses, 1.25A 125V SB MICRO BULK Slow Blow Micro Fuse
|
Bel Fuse, Inc. Bel Fuse Inc.
|
2-794618-2 |
3mm Centerline, 250V, 5 A max. ( Micro MATE-N-LOK ) Connectors; 22POS MICRO MNL ASSY, R/A HDR ( AMP )
|
Tyco Electronics
|